this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0190170044 status: active description: insulkrimp? quick disconnect, female, for 14-16 (2.00-1.30) wire, box, tab 5.21mm (.205") x 0.81mm (.032") documents: drawing (pdf) rohs certificate of compliance (pdf) general product family quick disconnects series 19017 crimp quality equipment yes product name insulkrimp? type quick disconnect physical barrel type closed gender female glow-wire compliant no insulation pvc lock to mating part none material - metal brass orientation straight packaging type bag polarized to mating part no tab thickness 0.81mm (.032") tab width 5.21mm (.205") temperature range - operating -50c to +105c wire insulation diameter 3.70mm (.145") max. wire size awg 14, 16 wire size mm2 1.30 - 2.00 electrical voltage - maximum 600v material info old part number BB-2191-032 reference - drawing numbers sales drawing cd2901 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19017 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # hand crimp tool 0640010200 hand crimp tool 0640012000 crimp head for the at-200? pneumatic hand tool 0640050200 crimp head for the at-200? pneumatic hand tool 0640052000 this document was generated on 04/13/2010 please check www.molex.com for latest part information
|